Part Number Hot Search : 
20M16 GBPC1508 AS324G MCT210M M2500 S25C64 JANTX2N TNY176
Product Description
Full Text Search
 

To Download MIP0221SY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Intelligent Power Devices (IPDs)
MIP0221SY, MIP0222SY, MIP0223SY, MIP0224SY, MIP0225SY, MIP0226SY, MIP0227SY
Silicon MOS IC
s Features
q Single chip IC with high breakdown voltage power MOS FET and CMOS control circuits q Allowing to input worldwide mains (AC 85 to 274V) q A pulse-by-pulse overcurrent protection circuit and a timer autorestart circuit are integrated.
unit: mm
10.50.5 4.50.2
2.80.2 1.50.2
9.50.2 8.00.2
6.80.1
1.40.1
q Switching power supply (to 90W) q AC adaptor q Battery charger
15.40.3 4.20.3
3.70.1
1.40.1
13.50.5 Solder Dip
2.50.2
Parameter Drain voltage Control voltage
Symbol VD VC
Ratings 700 8 MIP0221SY 0.3
Unit V V
2.540.3 5.080.5
9.3
s Absolute Maximum Ratings (Ta = 25 3C)
0.80.1
0.60.1
MIP0222SY 0.585 MIP0223SY 1.15 Output current ID MIP0224SY 1.72 MIP0225SY MIP0226SY MIP0227SY Control current Channel temperature Storage temperature IC Tch Tstg 0.1 150 -55 to +150 2.4 2.9 3.5 mA C C A
1
2
3
1: Control 2: Source 3: Drain EIAJ: SC-46 TO-220 Type Package (a)
s Block Diagram
Auto-restart Control pin Shunt regulator + 5.7V 4.7V Shutdown/Auto-restart Power supply for internal circuit 1/2 1/2 Auto-restart current-source 1/2
Drain pin
+ -
Ron X ID Timer auto-restart circuit + Power MOS FET Q
PWM control current
Thermal shutdown circuit
S Restarting trigger circuit R
Q
Max Duty Clock Sawtooth + S R Q Q Leading edge blanking
RE
Low pass filter
Minimum ON-time delay circuit Source pin
2.80.2
s Applications
1
Intelligent Power Devices (IPDs)
s Electrical Characteristics (TC = 25 2C)
Parameter Output frequency Control functions Maximum duty cycle Minimum duty cycle Control pin charging current Auto-restart threshold voltage Auto-restart Lockout threshold voltage Auto-restart hysteresis voltage Auto-restart duty cycle Auto-restart frequency MIP0221SY MIP0222SY Self-protection current limit Circuit protection MIP0223SY MIP0224SY ILIMIT MIP0225SY MIP0226SY MIP0227SY Leading edge blanking delay Current limit delay ton(BLK) td(OCL) Symbol fOSC
MIP0221SY/0222SY/0223SY/0224SY/0225SY/0226SY/0227SY
Conditions IC = 2mA
min 90 64
typ 100 67
max Unit 110 70 3 -1.2 kHz % % mA V V V % Hz 9.28 0.55 1.1 1.65 2.2 2.75 3.3 s s 150 4.2 36 18 10 6.7 5 4 3 0.25 mA V s s V C V A
MAXDC IC = 2mA MINDC IC = 10mA IC VC(on) VC(off) VC TSW/TTIM fTIM VC = 0 VC = 5V
-2.4 -1.9 -2 5 4 0.5
-1.5 - 0.8 5.7 4.7 1 5 1.2 6.3 5.3 1.5 8
0.23 0.45 0.9 1.35 1.8 2.25 2.7 IC = 3mA IC = 3mA IC = 3mA ID = 0.025A ID = 0.1A ID = 0.2A ID = 0.3A ID = 0.3A ID = 0.3A ID = 0.3A IDSS VDSS tr tf VD(MIN) VC ICD1 ICD2 IC = 3mA Output MOS FET enabled Output MOS FET disabled 36 5.4 0.7 0.5 VDS = 650V, Output MOS FET disabled ID = 0.25mA, Output MOS FET disabled 700 130 2.3
0.25 0.5 1 1.5 2 2.5 3 0.25 0.1 140 3.3 31.2 15 8.5 5.8 4 3.3 2.6 0.01
Thermal shutdown temperature TOTP Power-up reset threshold voltage VC reset MIP0221SY MIP0222SY MIP0223SY ON-state resistance MIP0224SY RDS(on) MIP0225SY Output MIP0226SY MIP0227SY OFF-state current Breakdown voltage Rise time Fall time Drain supply voltage Power supply voltage Shunt regulator voltage Control supply/discharge current
0.1 0.1
0.2 0.2
5.7 1.4 0.8
6.1 1.8 1.1
V mA mA
2


▲Up To Search▲   

 
Price & Availability of MIP0221SY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X